PART |
Description |
Maker |
PM73122-BI |
32 LINK CES/DBCES AAL1 SAR PROCESSOR
|
PMC-Sierra, Inc.
|
MT90503 161 |
2048VC AAL1 SAR From old datasheet system
|
Zarlink
|
MT90520 |
8-Port Primary Rate Circuit Emulation AAL1 SAR
|
Zarlink
|
IQS229-16 |
SAR compliance in mobile devices according to the IEC 62209-2 ed1.0 standard and the FCC standard (KDB 616217 - D04 SAR for laptop and tablets
|
List of Unclassifed Man...
|
PM7381 PM7381-PI |
32 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
|
PMC-Sierra Inc PMC[PMC-Sierra, Inc]
|
HFBR-2537 HFBR2521 HFBR2537 HFBR-0501 HFBR2528 HFB |
HFBR-2533 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Vertical Package HFBR-2531 · 5 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-2522 · 1 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-2524 · 1 MBd 600nm Standard Link Receiver in Horizontal Package HFBR-2523 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Horizontal Package HFBR-2532 · 1 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-1533 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Vertical Package HFBR-1532 · 1 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1531 · 5 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1522 · 1 MBd 600nm High Performance Link Transmitter in Horizontal Package HFBR-2521 · 5 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-1523 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Horizontal Package HFBR-0501 · Evaluation Kit for DC to 5 MBd TTL Applications with Plastic Optical Fibers (HFBR-x5xx) Versatile Link The Versatile Fiber Optic Connection
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) Hewlett-Packard / Agilent
|
ITH08F06G ITH08F06 ITH08F06B |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 14A I(C) | TO-252AA TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 14A I(C) | TO-220AB HIGH - SPEED POWERLINE N - CHANNEL IGBT
|
MITEL[Mitel Networks Corporation]
|
HFBR-0528 HFBR-1528 HFBR-2528 |
Evaluation Kit for Proprietary Versatile Link up to 10 MBd 评价专有多功能工具包的链接多0 MBd HFBR-2528 · 10 MBd 650nm High Performance Link Receiver in Horizontal Package HFBR-1528 · 10 MBd 650nm High Performance Link Transmitter in Horizontal Package HFBR-0528 · Evaluation Kit for Proprietary Versatile Link up to 10 MBd
|
Avago Technologies, Ltd. Agilent (Hewlett-Packard)
|
BCM7501 |
Single-Link DVI Transmitter with HDCP SINGLE LINK DVI TRANSMITTER WITH HIGH-BANDWIDTH DIGITAL CONTENT PROTECTION
|
Broadcom Corporation.
|
V23815-K1306-M230 V23814-K1306-M230 M230 |
Parallel Optical Link: PAROLI Rx DC/DEMUX-DEC Parallel Optical Link: PAROLI Tx DC/MUX-ENC From old datasheet system
|
Infineon
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
CG3310 ECG3323 ECG3312 |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 25A I(C) | TO-247VAR TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 8A I(C) | TO-247VAR
|
|